Part Number Hot Search : 
D105K 0160B NS5S1153 030000 MKT1820 IRF3707L VT83205Q LAS15A06
Product Description
Full Text Search
 

To Download MCH3339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MCH3339 no.7414-1/4 features ? low on-resistance. ? ultrahigh-speed switching. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit drain-to-source voltage v dss --12 v gate-to-source voltage v gss 12 v drain current (dc) i d --1.5 a drain current (pulse) i dp pw 10 m s, duty cycle 1% --6 a allowable power dissipation p d mounted on a ceramic board (900mm 2 5 0.8mm) 0.8 w channel temperature tch 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit drain-to-source breakdown voltage v (br)dss i d =--1ma, v gs =0 --12 v zero-gate voltage drain current i dss v ds =--12v, v gs =0 --1 m a gate-to-source leakage current i gss v gs = 9.6v, v ds =0 10 m a cutoff voltage v gs (off) v ds =--6v, i d =--1ma --1 --2.4 v forward transfer admittance ? yfs ? v ds =--6v, i d =--0.8a 0.9 1.4 s r ds (on)1 i d =--0.8a, v gs =--10v 200 270 m w static drain-to-source on-state resistance r ds (on)2 i d =--0.4a, v gs =--4.5v 340 490 m w r ds (on)3 i d =--0.1a, v gs =--4v 370 530 m w marking :yq continued on next page. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn7414 MCH3339 package dimensions unit : mm 2167a [MCH3339] p-channel silicon mosfet ultrahigh-speed switching applications any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. 13003 ts im ta-3821 1 : gate 2 : source 3 : drain sanyo : mcph3 0.25 0.25 0.07 2.1 1.6 2.0 0.65 0.3 0.85 0.15 1 2 3 12 3 (bottom view) (top view)
MCH3339 no.7414-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit input capacitance ciss v ds =--6v, f=1mhz 145 pf output capacitance coss v ds =--6v, f=1mhz 45 pf reverse transfer capacitance crss v ds =--6v, f=1mhz 35 pf turn-on delay time t d (on) see specified test circuit. 7.5 ns rise time t r see specified test circuit. 20 ns turn-off delay time t d (off) see specified test circuit. 16 ns fall time t f see specified test circuit. 12 ns total gate charge qg v ds =--10v, v gs =--10v, i d =--1.5a 3.8 nc gate-to-source charge qgs v ds =--10v, v gs =--10v, i d =--1.5a 0.5 nc gate-to-drain miller charge qgd v ds =--10v, v gs =--10v, i d =--1.5a 0.5 nc diode forward voltage v sd i s =--1.5a, v gs =0 --0.94 --1.5 v switching time test circuit pw=10 m s d.c. 1% p. g 50 w g s d i d = --0.8a r l =12.5 w v dd = --10v v out MCH3339 v in 0v --10v v in 0 --2 --4 --6 --8 --10 --12 200 400 600 800 100 300 500 700 0 100 200 300 400 500 600 700 800 0 gate-to-source voltage, v gs -- v r ds (on) -- v gs it05615 0 0 --0.8 --1.2 --1.6 --2.0 --0.2 --0.4 --0.6 --1.0 --1.4 --1.8 --0.2 0 --0.6 --0.4 --2.0 --0.8 --1.0 --1.2 --1.4 --1.6 --1.8 --0.2 --1.0 --0.8 --0.6 drain-to-source voltage, v ds -- v i d -- v ds drain current, i d -- a it05613 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 i d -- v gs drain current, i d -- a it05614 r ds (on) -- ta it05616 --60 --40 --20 0 20 40 60 80 100 120 140 160 --0.4 --0.1 --0.9 --0.7 --0.5 --0.3 gate-to-source voltage, v gs -- v static drain-to-source on-state resistance, r ds (on) -- m ambient temperature, ta -- c static drain-to-source on-state resistance, r ds (on) -- m --3.0v v gs = --2.5v --10v --6.0v --4.5v --4.0v ta=75 c --25 c v ds = --10v ta=25 c i d = --0.4a i d = --0.8a i d = --0.8a, v gs = --10v i d = --0.1a, v gs = --4.0v i d = --0.4a, v gs = --4.5v i d = --0.1a 25 c
MCH3339 no.7414-3/4 0 100 5 7 2 3 2 3 10 --12 --4 --6 --8 --10 -- 2 drain-to-source voltage, v ds -- v ciss, coss, crss -- v ds ciss, coss, crss -- pf it05620 a s o drain-to-source voltage, v ds -- v drain current, i d -- a 2 3 5 7 2 3 5 7 2 3 5 7 --10 --1.0 --0.1 --0.01 23 57 23 57 23 --0.01 --0.1 --1.0 23 57 --10 it05622 1.0 --0.01 --0.1 23 57 --1.0 --10 23 5 723 5 7 3 5 2 7 3 5 2 7 100 3 5 2 7 1000 10 drain current, i d -- a sw time -- i d switching time, sw time -- ns it05619 it05618 --0.8 --1.0 --0.6 --1.2 i f -- v sd 0 0 -- 8 -- 9 4 3 2 1 --10 -- 1 -- 2 -- 3 -- 4 -- 5 -- 6 -- 7 total gate charge, qg -- nc v gs -- qg gate-to-source voltage, v gs -- v it05621 it05617 --0.01 1.0 --0.1 23 57 --1.0 23 57 23 57 --10 0.1 5 7 3 2 5 7 3 2 10 ? y fs ? -- i d --0.4 --0.01 --0.1 --10 --1.0 7 5 3 2 7 5 3 2 7 5 3 2 0 0 20 40 60 80 100 120 0.6 0.8 0.4 0.2 1.0 140 160 ambient temperature, ta -- c p d -- ta allowable power dissipation, p d -- w mounted on a ceramic board(900mm 2 5 0.8mm) it05623 ta= --25 c v ds = --10v 75 c 25 c v gs =0 75 c 25 c ta= --25 c v dd = --10v v gs = --10v t d (off) t d (on) t r t f ciss coss crss f=1mhz i d = --1.5a i dp = --6a operation in this area is limited by r ds (on). dc operation 100ms 10ms 1ms < 10 m s ta=25 c single pulse mounted on a ceramic board(900mm 2 5 0.8mm) 1unit v ds = --10v i d = --1.5a forward transfer admittance, ? y fs ? -- s drain current, i d -- a diode forward voltage, v sd -- v forward drain current, i f -- a
MCH3339 no.7414-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of january, 2003. specifications and information herein are subject to change without notice. ps


▲Up To Search▲   

 
Price & Availability of MCH3339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X